Part Number Hot Search : 
MT8815 GP2021 2SK19 CAV93C86 VHC132 MICS06 NJU3401 7805A
Product Description
Full Text Search
 

To Download 1513 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1513 doc #97022 data delay devices, inc. 1 2/5/97 3 mt. prospect ave. clifton, nj 07013 fixed sip delay line t d /t r = 5 (series 1513) features packages fast rise time for high frequency applications very narrow device (sip package) stackable for pc board economy low profile epoxy encapsulated meets or exceeds mil-d-23859c functional description the 1513-series device is a fixed, single-input, single-output, passive delay line. the signal input (in) is reproduced at the output (out), shifted by a time (t d ) given by the device dash number. the characteristic impedance of the line is given by the letter code that follows the dash number (see table). the rise time (t r ) of the line is 20% of t d , and the 3db bandwidth is given by 1.75 / t d . series specifications dielectric breakdown: 50 vdc distortion @ output: 10% max. operating temperature: -55 c to +125 c storage temperature: -55 c to +125 c temperature coefficient: 100 ppm/ c functional diagram gnd in gnd out .280 max. .100 min. .810 max. 1 2 6 7 .210 max. .020 typ. .020 typ. .600 typ. .100 typ. .010 typ. package dimensions 1997 data delay devices data delay devices, inc. 3 2 6 7 1 gnd in out gnd 1513-xxz xx = delay (t d ) z = impedance code pin descriptions in signal input out signal output gnd ground dash number specifications part number delay ( ns) rise time ( ns) impedance ( w w ) 1513-2.5a 2.5 1.0 1.0 50 1513-5a 5.0 1.0 1.0 50 1513-10a 10.0 1.0 2.0 50 1513-15a 15.0 1.0 3.0 50 1513-20a 20.0 1.0 4.0 50 1513-25a 25.0 1.3 5.0 50 1513-30a 30.0 1.5 6.0 50 1513-40a 40.0 2.0 8.0 50 1513-50a 50.0 2.5 10.0 50 1513-60a 60.0 3.0 12.0 50 1513-80a 80.0 4.0 16.0 50 1513-100a 100 5.0 20.0 50 1513-3.5y 3.5 1.0 1.0 75 1513-7.5y 7.5 1.0 1.5 75 1513-15y 15.0 1.0 3.0 75 1513-22.5y 22.5 1.2 4.5 75 1513-30y 30.0 1.5 6.0 75 1513-37.5y 37.5 1.9 7.5 75 1513-45y 45.0 2.3 9.0 75 1513-60y 60.0 3.0 12.0 75 1513-75y 75.0 3.8 15.0 75 1513-90y 90.0 4.5 18.0 75 1513-105y 105 5.3 21.0 75 1513-120y 120 6.0 24.0 75 1513-135y 135 6.8 27.0 75 1513-150y 150 7.5 30.0 75 1513-5b 5.0 1.0 1.0 100 1513-10b 10.0 1.0 2.0 100 1513-20b 20.0 1.0 4.0 100 1513-30b 30.0 1.5 6.0 100 1513-40b 40.0 2.0 8.0 100 1513-50b 50.0 2.5 10.0 100 1513-60b 60.0 3.0 12.0 100 1513-80b 80.0 4.0 16.0 100 1513-100b 100 5.0 20.0 100 1513-120b 120 6.0 24.0 100 1513-140b 140 7.0 28.0 100 1513-150b 150 7.5 30.0 100
1513 doc #97022 data delay devices, inc. 2 2/5/97 tel: 973-773-2299 fax: 973-773-9672 http://www.datadelay.com passive delay line test specifications test conditions input: output: ambient temperature: 25 o c 3 o c r load : 10m w input pulse: high = 3.0v typical c load : 10pf low = 0.0v typical threshold: 50% (rising & falling) source impedance: 50 w max. rise/fall time: 3.0 ns max. (measured at 10% and 90% levels) pulse width (t d <= 75ns): pw in = 100ns period (t d <= 75ns): per in = 1000ns pulse width (t d > 75ns): pw in = 2 x t d period (t d > 75ns): per in = 10 x t d note: the above conditions are for test only and do not in any way restrict the operation of the device. timing diagram for testing t rise t fall per in pw in t rise t fall 10% 10% 50% 50% 90% 90% 50% 50% v ih v il v oh v ol input signal output signal t rise t fall 10% 10% 90% 90% in out out trig in trig test setup device under test (dut) oscilloscope pulse generator 50 w r out r in r in = r out = z line


▲Up To Search▲   

 
Price & Availability of 1513

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X